Part Number Hot Search : 
MCB15624 UM232E RM2E1 ISL6700 CCT6805 2N2905 RM78705 F300R
Product Description
Full Text Search
 

To Download KBU25005-KBU2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU25005 thru KBU2510
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 25.0 Amperes KBU
.157(4.0)*45 .935(23.7) .895(22.7) .15 X23L (3.8 X5.7L) HOLE THRU
FEATURES
Surge overload rating -400 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
.700(17.8) .600(16.8)
300 (7.5) .780(19.8) .740(18.8)
flammability classification 94V-0
Mounting postition:Any
1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP.
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .276(7.0) .256(6.5)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 1) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 12.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
KBU 25005 50 35 50
KBU 2501 100 70 100
KBU 2502 200 140 200
KBU 2504 400 280 400 25.0 3.6 400 1.1 10 500 -55 to+125 -55 to+150
KBU 2506 600 420 600
KBU 2508 800 560 800
KBU 2510 1000 700 1000
UNIT V V V A
IFSM VF IR TJ TSTG
A V A
NOTES: 1.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
~ 362 ~
RATING AND CHARACTERISTIC CURVES KBU25005 thru KBU2510
FIG.1-MAXIMUM FORWARD SURGE CURRENT 400 AVERAGE FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 350 300 250 200
TJ=25C
FIG. 2 - DERATING CURVE OUTPUT RECTIFIED CURRENT 40
30
20
150 100 50 0 1 10 NUMBER OF CYCLETS AT 60Hz 100
10
0 50
100
150
CASE TEMPERATURE ()
FIG.3- TYPICAL FORWARD CHARACTERISTICS 100 10
FIG.4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT (AMPERES)
10
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
1.0
1.0
TJ = 25C
0.1
0.1
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 363 ~


▲Up To Search▲   

 
Price & Availability of KBU25005-KBU2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X